Part Number Hot Search : 
LBN07091 20001 APM2023N AR1220 PCF8591T IN1524BJ M3055 00266
Product Description
Full Text Search
 

To Download TLWY8600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLWR/Y8600
Vishay Semiconductors
TELUXTM
FEATURES * Utilizing one of the world's brightest (AS) AllnGaP technologies * High luminous flux e3 * Supreme heat dissipation: RthJP is 90 K/W * High operating temperature: Tamb = - 40 to + 110 C * Meets SAE and ECE color requirements for the automobile industry for color red * Packed in tubes for automatic insertion * Luminous flux, forward voltage and color categorized for each tube * Small mechanical tolerances allow precise usage of external reflectors or lightguides * Lead (Pb)-free device * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC * Compatible with wave solder processes acc. to CECC 00802 and J-STD-020C * ESD-withstand voltage: up to 2 kV according to JESD22-A114-B * Qualified according Vishay automotive requirement APPLICATIONS * Exterior lighting * Dashboard illumination * Tail-, Stop - and Turn Signals of motor vehicles * Replaces small incandescent lamps * Traffic signals and signs PRODUCT GROUP AND PACKAGE DATA * Product group: LED * Product series: TELUX Power * Package: TELUXTM Standard * Angle of half intensity: 30
19232
DESCRIPTION The TELUXTM series is a clear, non diffused LED for applications where supreme luminous flux is required. It is designed in an industry standard 7.62 mm square package utilizing highly developed (AS) AllnGaP technology. The supreme heat dissipation of TELUXTM allows applications at high ambient temperatures. All packing units are binned for luminous flux, forward voltage and color to achieve the most homogenous light appearance in application. SAE and ECE color requirements for automobile application are available for color red. PARTS TABLE
PART TLWR8600 TLWY8600
COLOR, LUMINOUS FLUX Red, V = 3000 mlm (typ.) Yellow, V = 3000 mlm (typ.)
TECHNOLOGY AllnGaP on GaAs AllnGaP on GaAs
Document Number 83168 Rev. 2.3, 19-Apr-07
www.vishay.com 1
TLWR/Y8600
Vishay Semiconductors
ABSOLUTE MAXIMUM RATINGS1) TLWR8600, TLWY8600
PARAMETER Reverse voltage2) DC Forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature t 5 s, 1.5 mm from body preheat temperature 100 C/ 30 sec. with cathode heatsink of 70 mm2 TEST CONDITION IR = 100 A Tamb 85 C tp 10 s SYMBOL VR IF IFSM PV Tj Tamb Tstg Tsd VALUE 10 70 1 187 125 - 40 to + 110 - 55 to + 110 260 UNIT V mA A mW C C C C
Thermal resistance junction/ ambient Thermal resistance junction/pin
RthJA RthJP
200 90
K/W K/W
Note: 1) T amb = 25 C, unless otherwise specified 2) Driving the LED in reverse direction is suitable for a short term application
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLWR8600, RED
PARAMETER Total flux Luminous intensity/Total flux Dominant wavelength Peak wavelength Angle of half intensity Total included angle Forward voltage Reverse voltage Junction capacitance Note: 1) Tamb = 25 C, unless otherwise specified TEST CONDITION IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W 90 % of Total Flux Captured IF = 70 mA, RthJA = 200 K/W IR = 10 A VR = 0, f = 1 MHz SYMBOL V IV/V d p 0.9V VF VR Cj 1.83 10 611 MIN 2000 TYP. 3000 0.8 615 624 30 75 2.2 20 17 2.67 634 MAX UNIT mlm mcd/mlm nm nm deg deg V V pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLWY8600, YELLOW
PARAMETER Total flux Luminous intensity/Total flux Dominant wavelength Peak wavelength Angle of half intensity Total included angle Forward voltage Reverse voltage Junction capacitance Note: 1) Tamb = 25 C, unless otherwise specified TEST CONDITION IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W IF = 70 mA, RthJA = 200 K/W 90 % of Total Flux Captured IF = 70 mA, RthJA = 200 K/W IR = 10 A VR = 0, f = 1 MHz SYMBOL V IV/V d p 0.9V VF VR Cj 1.83 10 585 MIN 2000 TYP. 3000 0.8 590 594 30 75 2.1 15 17 2.67 597 MAX UNIT mlm mcd/mlm nm nm deg deg V V pF
www.vishay.com 2
Document Number 83168 Rev. 2.3, 19-Apr-07
TLWR/Y8600
Vishay Semiconductors
LUMINOUS FLUX CLASSIFICATION
GROUP STANDARD D E F G H I K L M LUMINOUS FLUX (MLM) MIN 2000 2500 3000 3500 4000 5000 6000 7000 8000 MAX 3000 3600 4200 4800 6100 7300 9700 12200 15000 0 1 2 3 GROUP MIN. 585 587 589 592
COLOR CLASSIFICATION
DOM. WAVELENGTH (NM) YELLOW MAX. 588 591 594 597 611 614 616 618 622 634 MIN. RED MAX.
Note: Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of 1 nm.
Note: Luminous flux is tested at a current pulse duration of 25 ms and an accuracy of 11 %. The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each tube (there will be no mixing of two groups on each tube). In order to ensure availability, single brightness groups will be not orderable. In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one tube. In order to ensure availability, single wavelength groups will not be orderable.
TYPICAL CHARACTERISTICS Tamb = 25 C, unless otherwise specified
100 red, yellow
10000 red, yellow I F - Forward Current (mA) 1000 tp/T = 0.01 0.02 0.05 0.1 100 1 10 0.5 0.2 Tamb 85 C
IF - Forward Current (mA)
80
60
40 RthJA = 200 K/W 20
0 0
18019
20
40
60
80
100
120
18020
1 0.01
0.1
1
10
100
Tamb - Ambient Temperature (C)
t p - Pulse Length (ms)
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Forward Current vs. Pulse Length
Document Number 83168 Rev. 2.3, 19-Apr-07
www.vishay.com 3
TLWR/Y8600
Vishay Semiconductors
0 I v rel - Relative Luminous Intensity
10
20 30
100 90
I F - Forward Current (mA)
80 70 60 50 40 30 20 10
red
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
16006
20176
0 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 V F - Forward Voltage (V)
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 6. Forward Current vs. Forward Voltage
1.2
100
red
I Vrel - Relative Luminous Intensity
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
90 I F - Forward Current (mA) 80 70 60 50 40 30 20 10
yellow
570 580 590 600 610 620 630 640 650 660 670
16007
0 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4
15975
- Wavelength (nm)
V F - Forward Voltage (V)
Figure 4. Relative Intensity vs. Wavelength
Figure 7. Forward Current vs. Forward Voltage
1.2 1.1 yellow 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 540 550 560 570 580 590 600 610 620 630 640 - Wavelength (nm)
I Vrel - Relative Luminous Intensity
10 I Vrel - Relative Luminous Intensity red 1
0.1
0.01 1
15978
16008
10 IF - Forward Current (mA)
100
Figure 5. Relative Intensity vs. Wavelength
Figure 8. Relative Luminous Flux vs. Forward Current
www.vishay.com 4
Document Number 83168 Rev. 2.3, 19-Apr-07
TLWR/Y8600
Vishay Semiconductors
IV rel - Relative Luminous Intensity
10 yellow
V rel - Relative Luminous Flux
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 red I F = 70 mA
1
0.1
0.01 1
15979
10 IF - Forward Current (mA)
100
0.0 - 40 - 20 0 20 40 60 80 100 Tamb - Ambient Temperature (C) 18021
Figure 9. Relative Luminous Flux vs. Forward Current
Figure 12. Rel. Luminous Flux vs. Ambient Temperature
2.0 I Spec - Specific Luminous Flux red 1.0 V rel - Relative Luminous Flux 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 - 40 - 20
15977
yellow
I F = 70 mA
0.1 1
18022
10 IF - Forward Current (mA)
100
0
20
40
60
80
100
Tamb - Ambient Temperature (C)
Figure 10. Specific Luminous Flux vs. Forward Current
Figure 13. Rel. Luminous Flux vs. Ambient Temperature
230 I Spec - Specific Luminous Flux yellow 1.0 R thJA in K/W 220 210 200 190 180 170 0.1 1
15981
Padsize 8 mm2 per Anode Pin
160 10 I F - Forward Current (mA) 100
16009
0
50
100 150 200 250 Cathode Padsize mm2
300
Figure 11. Specific Luminous Flux vs. Forward Current
Figure 14. Thermal Resistance Junction Ambient vs. Cathode Padsize
Document Number 83168 Rev. 2.3, 19-Apr-07
www.vishay.com 5
TLWR/Y8600
Vishay Semiconductors
100 90 80 % Total Luminous Flux 70 60 50 40 30 20 10 0 0
16005
25 50 75 100 125 Total Included Angle (Degrees)
Figure 15. Percentage Total Luminous Flux vs. Total Included Angle for 60 emission angle
PACKAGE DIMENSIONS in millimeters
16004
www.vishay.com 6
Document Number 83168 Rev. 2.3, 19-Apr-07
TLWR/Y8600
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 83168 Rev. 2.3, 19-Apr-07
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TLWY8600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X